Part Number Hot Search : 
A143E XE1050 HRW0202 CXD2424R LM33905 BL8068 2SD400 13600
Product Description
Full Text Search
 

To Download 2SA2004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SA2004
Silicon PNP epitaxial planer type
Unit: mm
For power amplification
9.90.3
4.60.2 2.90.2
13.70.2 4.20.2 Solder Dip
* High forward current transfer ratio hFE * Satisfactory linearity of forward current transfer ratio hFE * Dielectric breakdown voltage of the package: > 5 kV * High-speed switching
15.00.5
I Features
3.20.1
1.40.2 1.60.2 0.80.1
3.00.5
2.60.1
I Absolute Maximum Ratings TC = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation TC = 25C Ta = 25C Tj Tstg Symbol VCBO VCEO VEBO ICP IC PC Rating -60 -60 -5 -16 -8 20 2.0 150 -55 to +150 C C Unit V V V A A W
0.550.15
2.540.30 5.080.50 1 2 3
1: Base 2: Collector 3: Emitter TO-220D Package
Junction temperature Storage temperature
I Electrical Characteristics TC = 25C 3C
Parameter Collector cutoff current Symbol ICBO ICEO Collector to emitter voltage Forward current transfer ratio VCEO hFE1 hFE2 Collector to emitter saturation voltage Base to emitter saturation voltage Turn-on time Storage time Fall time VCE(sat) VBE(sat) ton tstg tf Conditions VCB = -60 V, IE = 0 VCE = -60 V, IE = 0 IC = -10 mA, IB = 0 VCE = -2 V, IC = - 0.1 A VCE = -2 V, IC = -5 A IC = -5 A, IB = - 0.25 A IC = -5 A, IC = - 0.25 A IC = -4 A, IB1 = -400 mA IB2 = 400 mA, VCC = 50 V 0.2 0.1 0.5 -60 100 30 -1.2 -1.7 0.5 0.15 1.0 V V s s s 230 Min Typ Max -100 -100 Unit A A V
1


▲Up To Search▲   

 
Price & Availability of 2SA2004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X